Part Number Hot Search : 
GNTRP SDB154L F1640 F222M MTH200 CHF5KP22 BRS320 FZT688B
Product Description
Full Text Search
 

To Download D2MQ-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE
Basic Switch
Subminiature Basic Switch
s s s s s
D2MQ
Super compact switch weighing only 0.3 g. Ideal for reducing equipment weight Angle terminal allows operation from the side when mounted to a PCB Despite its compact size, the snap action mechanism gives it superior electrical characteristics Silver-plated contact. Gold-plated contact also available for loads under 50 mA Ideal for use on equipment with stringent space and reliability requirements, such as in compact audio equipment, optical devices, and communications equipment
Ordering Information
Pin plunger Leaf lever Straight terminal Left-angle terminal Right-angle terminal
Actuator Pin plunger Leaf lever
Contact Silver-plated (Ag-P) Gold-plated (Au-P) Silver-plated (Ag-P) Gold-plated (Au-P)
Part Number Straight Terminal D2MQ-1 D2MQ-1-105 D2MQ-1L D2MQ-1L-105
Left-angle Terminal D2MQ-1-TL -- D2MQ-1L-TL --
Right-angle Terminal D2MQ-1-TR -- D2MQ-1L-TR --
Note: The angle of the terminal illustration above is from the side of the arrow shown on the right.
s CONTACT FORM
Specifications
Ratings Electrical ratings Inrush current Ag-Plated contact: 50 to 500 mA, 30 VDC (resistive load) Au-Plated contact: 5 to 50 mA, 30 VDC (resistive load) NC: 0.5 A max. (Ag-P), 0.05 A max. (Au-P) NO: 0.5 A max. (Ag-P), 0.05 A max. (Au-P)
D2MQ
D2MQ
Characteristics
Operating speed Operating frequency Contact resistance Insulation resistance Dielectric strength Vibration Shock Ambient temperature Humidity Service life Weight Note: Data shown are of initial value. Malfunction durability Mechanical durability Malfunction durability Operating Mechanical Electrical Mechanical Electrical 0.1 mm to 0.5 m/second (0.004 to 19.7 in/second) at pin plunger 60 operations per minute 20 operations per minute 100 m max. (initial) 100 M min. (at 250 VDC) 500 VAC, 50/60 Hz for 1 minute between terminals of same polarity 500 VAC, 50/60 Hz for 1 minute between current-carrying metal part and ground 10 to 55 Hz, 1.5 mm double amplitude 1,000 m/s2 min, (approx. 100 g min.) 300 m/s2 min. (approx. 30 g min.) -15 to 70C (with not condensation) 35% to 85% RH 30,000 operations min. (at full OT value) 10,000 operations min. (at full OT value) Approx. 0.3 g
s CHARACTERISTIC DATA
Mechanical service life Electrical service life
Number of operations (x103)
Overtravel (mm)
Number of operations (x103)
Switching current (A)
2
D2MQ
D2MQ
Dimensions
Unit: mm (inch) Pin Plunger D2MQ-1 (Straight terminal) D2MQ-1-TL (Left-angle terminal) D2MQ-1-TR (Right-angle terminal) D2MQ-1-105 (Straight terminal) Operating characteristics OF max. RF min. PT max. OT min. MD max. OP
120 g 20 g 0.4 mm (0.016 in) 0.1 mm (0.004 in) 0.1 mm (0.004 in) 5.7 0.2 mm (0.22 0.01 in)
Leaf lever D2MQ-1L (Straight terminal) D2MQ-1L-TL (Left-angle terminal) D2MQ-1L-TR (Right-angle terminal) D2MQ-1L-105 (Straight terminal) Operating characteristics OF max. RF min. PT max. OT min. MD max. FP* max. OP
60 g 8g 2.4 mm (0.09 in) 0.3 mm (0.01 in) 0.7 mm (0.03 in) 9.6 mm (0.38 in) 6.7 0.5 mm (0.26 0.02 in)
*Free position
s TERMINALS
Straight terminal Left-angle terminal Right-angle terminal
Note: Unless otherwise specified, a tolerance of 0.4 mm applies to all dimensions. 3
D2MQ
D2MQ
Precautions
s MOUNTING
Mount firmly using M1.4 screws and 1 kg-cm tightening torque. Mounting hole matching dimensions
s SOLDERING
Holding the switch at the free position, solder the lead wire to its terminal within 3 seconds, using a soldering iron rated at less than 15 W with a tip temperature of less than 280C. Excess wattage or prolonged heating can deteriorate the electrical characteristics of the switch.
s OPERATION
When mounting onto a metal body, always install a separator between the switch and the mounting panel. Design the insulation separator (made up of hard material) into the shape shown below. Separator shape Set the operating force of the pushbutton and leaf lever at less than twice the OF standard value. Always make the OT value larger than the specification value. Do not change the operating position of the actuator. Do not operate at extremely slow speed; also do not use the switch with its pushbutton located between the free position and the operating position. Mount the pin pushbutton type in such a way that the stroke of the pushbutton and the stroke of the operating control overlap on a vertical line. Do not operate the switch roughly as it may deteriorate the functions of the switch. Do not apply excessive force to the actuator of the leaf lever type along its operating direction, opposite to its operating direction, or in the lateral direction.
Omron Europe B.V. EMA-ISD, tel:+31 23 5681390, fax:+31 23 5681397, http://www.eu.omron.com/ema
Cat. No. GC SW5 4
4/98
Specifications subject to change without notice.
Printed in the U.S.A.


▲Up To Search▲   

 
Price & Availability of D2MQ-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X